Part Number Hot Search : 
4HCT57 MAX151 P2010 GJ3669 ZR4040 40002 40002 184X52
Product Description
Full Text Search
 

To Download NAZK681M16V10X105LBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* * * * * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING SUIT FOR HIGH TEMPERATURE REFLOW SOLDERING (UP TO 260C) LOW IMPEDANCE AND HIGH RIPPLE CURRENT 2,000 HOUR LOAD LIFE @ +105C DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
SAC Alloy Compatible 230C ~ 260C
NAZK Series
RoHS Compliant
includes all homogeneous materials
CHARACTERISTICS
Rated Voltage Rating Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Miuntes @ 20C Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @ 105C All Case Sizes = 2,000 hours 6.3 ~ 35Vdc 4.7 ~ 1,000F -55 ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) Tan W.V. (Vdc) Z-25C/Z+20C Z-40C/Z+20C Z-55C/Z+20C Capacitance Change Tan Leakage Current
*See Part Number System for Details LOW ESR COMPONENT LIQUID ELECTROLYTE For Performance Data see www.LowESR.com 10 16 25 35 13 20 32 44 0.19 0.16 0.14 0.12 10 16 25 35 2 2 2 2 3 3 3 3 4 4 3 3 Within 30% of initial measured value Less than 200% of the specified maximum value Less than the specified maximum value 6.3 8.0 0.26 6.3 2 3 4
STANDARD VALUES AND CASE SIZES (mm)
Cap (F) Code 4.7 10 22 33 47 100 220 330 470 680 1000 4R7 100 220 330 470 101 221 331 471 681 102 6.3 4x6.1 Working Voltage (Vdc) 10 16 25 35 4x6.1 4x6.1 4x6.1 5x6.1 4x6.1 5x6.1 5x6.1 6.3x6.1 6.3x5.5 5x6.1 6.3x6.1 6.3x6.1 6.3x6.1 6.3x8 6.3x6.1 6.3x8 6.3x8 6.3x8 8x10.5
PART NUMBER SYSTEM
NAZK 101 M 16V 6.3x6.1 N B F
RoHS Compliant Termination/Packaging Code Reflow Temperature Code Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F Series
5x5.5 4x6.1 5x6.1 5x6.1 6.3x6.1 6.3x6.1 6.3x8 6.3x8 8x10.5 8x10.5 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 8x10.5 8x10.5 10x10.5 8x10.5 10x10.5 8x10.5 10x10.5 -
PEAK REFLOW TEMPERATURE CODES
Code N L Peak Reflow Temperature 260C 250C
TERMINATION FINISH & PACKAGING OPTIONS CODES
Code Finish & Reel Size B Sn-Bi Finish & 13" Reel LB Sn-Bi Finish & 15" Reel S 100% Sn Finish & 13" Reel LS 100% Sn Finish & 15" Reel
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size D0.5 L max. A0.2 B0.2 I0.3 W P0.3 Qty/Reel 4x6.1 4.0 6.1 4.3 4.3 1.8 0.5~0.8 1.0 1,200 5x6.1 5.0 6.1 5.3 5.3 2.2 0.5~0.8 1.3 800 6.3x6.1 6.3 6.1 6.6 6.6 2.7 0.5~0.8 1.8 800 6.3x8 6.3 8.0 6.6 6.6 2.7 0.5~0.8 1.8 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.8~1.1 3.1 300 10x10.5 10.0 10.5 10.3 10.3 3.2 0.8~1.1 4.5 300
D
W
0.3mm max.
+
I
I
-
L
P B
A
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
41
Surface Mount Aluminum Electrolytic Capacitors
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
NIC Part Number NAZK220M6.3V4X6.1NBF NAZK470M6.3V4X6.1NBF NAZK470M6.3V5X6.1NBF NAZK101M6.3V5X6.1NBF NAZK101M6.3V6.3X6.1NBF NAZK221M6.3V6.3X6.1NBF NAZK221M6.3V6.3X8NBF NAZK331M6.3V6.3X8NBF NAZK102M6.3V8X10.5LBF NAZK330M10V4X6.1NBF NAZK221M10V6.3X8NBF NAZK471M10V8X10.5LBF NAZK681M10V8X10.5LBF NAZK102M10V10X10.5LBF NAZK100M16V4X6.1NBF NAZK220M16V4X6.1NBF NAZK220M16V5X6.1NBF NAZK330M16V5X6.1NBF NAZK470M16V5X6.1NBF NAZK470M16V6.3X6.1NBF NAZK101M16V6.3X6.1NBF NAZK101M16V6.3X8NBF NAZK221M16V6.3X8NBF NAZK331M16V8X10.5LBF NAZK471M16V8X10.5LBF NAZK681M16V10X10.5LBF NAZK330M25V5X6.1NBF NAZK330M25V6.3X6.1NBF NAZK470M25V6.3X6.1NBF NAZK101M25V6.3X8NBF NAZK221M25V8X10.5LBF NAZK331M25V8X10.5LBF NAZK471M25V10X10.5LBF NAZK4R7M35V4X6.1NBF NAZK100M35V4X6.1NBF NAZK100M35V5X6.1NBF NAZK220M35V5X6.1NBF NAZK220M35V6.3X6.1NBF NAZK330M35V6.3X6.1NBF NAZK470M35V6.3X6.1NBF NAZK470M35V6.3X8NBF NAZK101M35V6.3X8NBF NAZK101M35V8X10.5LBF NAZK221M35V8X10.5.BF NAZK331M35V10X10.5LBF Cap. (F) 22 47 47 100 100 220 220 330 1000 33 220 470 680 1000 10 22 22 33 47 47 100 100 220 330 470 680 33 33 47 100 220 330 470 4.7 10 10 22 22 33 47 47 100 100 220 330 W.V. (Vdc) Dissipaton Factor (Tan ) 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.19 0.19 0.19 0.19 0.19 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 Max. Impedance () +20C/100KHz 1.35 1.35 0.70 0.70 0.36 0.36 0.34 0.34 0.16 1.35 0.34 0.16 0.16 0.08 1.35 1.35 0.70 0.70 0.70 0.36 0.36 0.34 0.34 0.16 0.16 0.08 0.70 0.36 0.36 0.34 0.16 0.16 0.09 1.45 1.45 0.70 0.70 0.36 0.36 0.36 0.34 0.34 0.16 0.16 0.09
NAZK Series
Load Life Hours @ +105C 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000
6.3
10
16
25
35
Max. Ripple Current (mA) +105C/100KHz 90 90 170 170 250 250 300 300 600 90 300 600 600 850 90 90 170 170 170 250 250 300 300 600 600 850 170 250 250 300 600 600 850 90 90 170 170 250 250 250 300 300 600 600 850
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency 4.7F 10 ~ 33F 47 ~ 100F 220 ~ 1000F 120Hz 0.42 0.45 0.50 0.60 500Hz 0.60 0.75 0.80 0.85 1KHz 0.80 0.90 0.95 0.95 10KHz 1.00 1.00 1.00 1.00
(R)
42
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
PEAK REFLOW TEMPERATURE AND DURATION Temperature - Deg. C
Diameter 4 ~ 6.3mm 8 ~ 10mm Time above 217C 60 sec. max. 60 sec. max. Peak Temperature 5 seconds 260C 250C
NAZK Series
Peak Temperature (see table)
230 200 150 100 50
Time (Seconds)
Preheat - 120 seconds max. (150C ~ 180C) Time Above 217C (see table)
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Case Size 4x6.1 5x6.1 6x3x6.1 8x10.5 10x10.5 a 1.0 1.4 2.1 3.0 4.5 b 2.6 3.0 3.5 4.1 4.3 c 1.6 1.6 1.6 2.2 2.2 a c b
Review & Compare Reflow Soldering Heat Limits V-chip SMT Aluminum Electrolytic Capacitors www.niccomp.com/RSL
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
43


▲Up To Search▲   

 
Price & Availability of NAZK681M16V10X105LBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X